PART |
Description |
Maker |
NTE5825 NTE5818 NTE5819 NTE5823 |
Silicon power rectifier. Stud mount, fast recovery, 12 Amp. Peak repetitive reverse voltage 600V. Non-repetitive peak reverse voltage 660V. Silicon Power Rectifier Stud Mount, Fast Recovery, 12 Amp Silicon Power Rectifier Stud Mount Fast Recovery 12 Amp Silicon power rectifier. Stud mount, fast recovery, 12 Amp. Peak repetitive reverse voltage 200V. Non-repetitive peak reverse voltage 250V.
|
NTE[NTE Electronics]
|
SW15PCN012 SW15PCR012 |
Stud Base Silicon Rectifier Diodes
|
Westcode Semiconductors
|
SW15PCN020 SW15PCR020 |
Stud Base Silicon Rectifier Diodes
|
Westcode Semiconductors
|
CCL80-120A CCK1-15A CCK1-15A05 CCK20-30A CCK70-120 |
Fork-Lift and Stud-Mounted Fuses 32 - 130 Volts DC Fast Acting and Time-Delay
|
Littelfuse
|
SS1A SS1B SS1D SS1G SS1J SS1K SS1M |
Standard Recovery Pack: GF1 SINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER VOLTAGE拢潞50 TO 1000V CURRENT拢潞 1.0A SINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER VOLTAGE?0 TO 1000V CURRENT 1.0A
|
Gulf Semiconductor
|
DP30 |
STUD-BASE SILICON RECTIFIER DIODES TYPE PCN/PCRO30 30AMPERES AVERAGE : UP TO 1600 VOLTS V-RRM
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc. http://
|
IR180DR-G06PBF IR150DR-G08PBF IR150DR-G04PBF IR180 |
25 A, 600 V, SILICON, RECTIFIER DIODE 16 A, 800 V, SILICON, RECTIFIER DIODE 16 A, 400 V, SILICON, RECTIFIER DIODE 25 A, 200 V, SILICON, RECTIFIER DIODE 25 A, 1000 V, SILICON, RECTIFIER DIODE 16 A, 1200 V, SILICON, RECTIFIER DIODE 16 A, 100 V, SILICON, RECTIFIER DIODE
|
TT electronics Semelab, Ltd.
|
ST-1MLB ST-1MLA |
(ST-1MLA/B) Photo transistors(high-sensitivity NPN silicon phototransistors mounted) Photo transistors(high-sensitivity NPN silicon phototransistors mounted) 光电晶体管(高灵敏度NPN硅晶体管式)
|
Kondenshi Corp KODENSHI[KODENSHI KOREA CORP.] KODENSHI CORP. KODENSHI, CORP.
|
CPR2-040TRLEADFREE CPR2-010TRLEADFREE CPR2-120TRLE |
2 A, 400 V, SILICON, RECTIFIER DIODE 2 A, 100 V, SILICON, RECTIFIER DIODE 2 A, 1200 V, SILICON, RECTIFIER DIODE 2 A, 200 V, SILICON, RECTIFIER DIODE 3 A, 1000 V, SILICON, RECTIFIER DIODE, DO-201AD
|
Central Semiconductor, Corp. CENTRAL SEMICONDUCTOR CORP
|
FES2F FES2A FES2B FES2D FES2G FES2J |
2 Amp. Surface Mounted Glass Passivated Ultrafast Recovery Rectifier
|
List of Unclassifed Manufacturers ETC
|
FRS1B FRS1D FRS1J FRS1M FRS1G FRS1A FRS1K |
1 AMP. SURFACE MOUNTED GLASS PASSIVATED FAST RECOVERY RECTIFIER
|
List of Unclassifed Manufacturers ETC
|